PART |
Description |
Maker |
L6590 |
FULLY INTEGRATED POWER SUPPLY FIPS
|
SGS Thomson Microelectronics
|
34712 |
3.01.0?Hz Fully Integrated DDR Switch-Mode Power Supply
|
飞思卡尔半导体(中国)有限公司
|
MC34713EP/R2 |
5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
|
Freescale Semiconductor, Inc
|
MC34712EPR2 |
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
|
Freescale Semiconductor, Inc
|
MC34717EPR2 |
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
|
Freescale Semiconductor, Inc
|
ICS9LPRS502 |
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
|
IDT
|
ICS9147-01 ICS9147F-01 |
Frequency Generator & Integrated Buffers for PENTIUMTM Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes 频率发生
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Integrated Device Technology
|
ICS9LPRS502 9LPRS502YGLFT 9LPRS502YKLFT 9LPRS502YF |
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR 56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
|
Integrated Device Technology List of Unclassifed Manufacturers
|
IRIS4007K IRIS4007 IR4007 IRIS40X IRISMPS1 |
INTEGRATED SWITCHER 多功能开 DC-DC flyback power supply, IRIS4007(K), 48VIN, 5VOUT, 5A IOUT 30W Output DC-DC Integrated Switchers in a TO-262 (5-Lead) package 30W Output DC-DC Integrated Switchers in a TO-220 (5-Leads) package
|
International Rectifier, Corp. IRF[International Rectifier] http://
|
EVAL-AD5560EBUZ AD5560JSVUZ-REEL AD5560JBCZ AD5560 |
1.2 A Programmable Device Power Supply 1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
|
Analog Devices
|
Q68000-A9124 CGY94 |
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX2079 MAX2079CXE MAX2079CXET MAX2079CXEW |
Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
|
MAXIM - Dallas Semiconductor
|